PART |
Description |
Maker |
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
UNR2225 UNR2226 UNR2227 UN2225 UN2226 UN2227 |
Flash Memory IC; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-DIP; Supply Voltage Max:5.5V; Access Time, Tacc:120ns; Mounting Silicon NPN epitaxial planar type
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
M76DW52003TA90ZT M76DW52003BA M76DW52003BA70ZT M76 |
SPECIALTY MEMORY CIRCUIT, PBGA73 32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
M5M29KB_T331AVP M5M29KB M5M29KB/T331AVP M5M29KB331 |
Memory>NOR type Flash Memory CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
|
Renesas Electronics Corporation.
|
AT88SC0404CA-MJ88SC0404 AT88SC0404CA-MP88SC0404 AT |
SPECIALTY MEMORY CIRCUIT, QMA SPECIALTY MEMORY CIRCUIT, DMA SPECIALTY MEMORY CIRCUIT WAFER SPECIALTY MEMORY CIRCUIT, PDIP8 GREEN, PLASTIC, PDIP-8 SPECIALTY MEMORY CIRCUIT, PTSO8 4.40 MM, GREEN, PLASTIC, TSSOP-8
|
Atmel, Corp. ATMEL CORP
|
M5M29KE131BVP |
Memory>NOR type Flash Memory 134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY Stacked-uMCP (micro Multi Chip Package)
|
Renesas Electronics Corporation
|
MB84VA2000-10 MB84VA2001-10 MB84VA2000 |
(MB84VA2000 / MB84VA2001) 8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM 8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA48
|
Fujitsu Media Devices Fujitsu, Ltd. Fujitsu Component Limited.
|
FM25640B-GTR FM25640B-G |
SPECIALTY MEMORY CIRCUIT, PDSO8 64Kb Serial 5V F-RAM Memory
|
Ramtron International Corporation http://
|
DS42516 |
SPECIALTY MEMORY CIRCUIT, PBGA73 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
SPANSION LLC ADVANCED MICRO DEVICES INC
|
MB85R1002PFTN MB85R1002 |
Memory FRAM SPECIALTY MEMORY CIRCUIT, PDSO48
|
Fujitsu, Ltd. Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|